PART |
Description |
Maker |
MBB-2 MBB-6 MCH-6 |
Multi-mod 10 input module
|
Gamewell-FCI by Honeywell
|
IRS2132JPBF IRS21303JPBF IRS2132JTRPBF |
3 Phase Driver, Inverting Input, 0.8us Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Inverting Input, 0.8us Deadtime 13-20 Vout in a mod. 44-lead PLCC package
|
International Rectifier
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
FEC40-24D3305 FEC40-24T0512 FEC40-24T3312 FEC40-24 |
Input range:18-36 VDC;output voltage:3.3/5 VDC; output current:4/4 A mA;input current:1729 mA; 40 W DC-DC converter Input range:18-36VDC;output voltage:5/ /-12 VDC; output current:6000/ /400 mA mA;input current:1989 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:6000/ /400 mA mA;input current:1512 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:5/ /-15 VDC; output current:6000/ /300 mA mA;input current:1958 mA; 40 W DC-DC converter
|
Power Mate Technology
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
M62354AGP |
SERIAL INPUT LOADING, 8-BIT DAC, PDSO16 8bit 6ch D-A converter with buffer8bit 8ch D-A converter with buffer
|
Mitsubishi Electric Corporation
|
FWD-1205 FWD-1209 FWD-1212 FWD-4805 FWD-4812 FWD-4 |
DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|
PS-55JD1-012M1 PS-55JD1-015M1 PS-55JD1-005M1 PS-55 |
Hi-Rel DC-DC Standard Single Converter in a ATR package; A ATR2812S with Standard Packaging Hi-Rel RAD-Hard, Dual, 28V Input DC-DC Converter in LS package; Hi-Rel RAD-Hard, Dual, 28V Input DC-DC Converter in LS package Hi-Rel DC-DC Standard Triple Converter in a ATO package; A ATO2812T with Standard Packaging Analog IC 模拟IC
|
Electronic Theatre Controls, Inc.
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
IR2135 IR2135J IR2135S IR2233J IR2133 IR2133J IR21 |
3-PHASE BRIDGE DRIVER 3相桥式驱动器 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-lead SOIC package 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-lead SOIC package 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a mod. 44-lead PLCC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
FDD12-0515T4 FDD12-0515T5 FDD12-0512T4 FDD12-0512T |
12 W DC/DC converter,input voltage 18-72 V, output voltage 5/ /-15 V, output current 1.5A/ /-0.16A 12 W DC/DC converter,input voltage 10-36 V, output voltage 5/ /-15 V, output current 1.5A/ /-0.16A 12 W DC/DC converter,input voltage 18-72 V, output voltage 5/ /-12 V, output current 1.5A/ /-0.2A 12 W DC/DC converter,input voltage 10-36 V, output voltage 5/ /-12 V, output current 1.5A/ /-0.2A DC-DC CONVERTER 12W TRIPLE OUTPUT
|
CHINFA Electronics IND ETC[ETC] List of Unclassifed Manufacturers
|
HI3286 |
A/D Converter, 8-Bit, 160MSPS, Input Bandwidth 250MHz, Flash, with PS Power Saving Pin 8Bits 160MSPS, Flash A/D Converter(8浣??60MSPS ???A/D杞???? 8Bits 160MSPS, Flash A/D Converter(8位60MSPS 闪存A/D转换
|
Intersil Corporation
|
|